elektronische bauelemente srs8100 voltage 100v 8.0 amp schottky barrier rectifiers 05-mar-2014 rev.a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features low forward voltage drop high current capability high reliability high surge current capability epitaxial construction mechanical data case: molded plastic epoxy: ul94v-1 rate flame retardant lead: lead solderable per mil-std-202 method 208 guaranteed polarity: as marked mounting position: any weight: 1.10 grams (approximately) maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rwm 100 v maximum dc blocking voltage v r 100 v maximum average forward rectified current see fig. 1 i f(av) 8 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 a maximum instantaneous forward voltage v f 0.85 v t a =25c 0.2 maximum dc reverse current at rated dc blocking voltage t a =100c i r 10 ma typical junction capacitance 1 c j 260 pf thermal resistance (typ.) 2 r ja 50 c /w thermal resistance (typ.) 3 r jc 30 c operating & storage temperature t j ,t stg -55 ~ 150 c note: 1. measured at 1mhz and applied reverse voltage o f 4.0v d.c. 2. thermal resistance junction to ambient 3. thermal resistance junction to case do-27(do-201) millimeter ref. min. max. a 25.4 (typ) b 7.20 9.50 c 4.80 5.60 d 1.10 1.30
elektronische bauelemente srs8100 voltage 100v 8.0 amp schottky barrier rectifiers 05-mar-2014 rev.a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves
|